PART |
Description |
Maker |
1N6529 1N6535 1N6531 1N6533 |
2,000 V - 10,000 V Rectifiers 2000 V - 10000 V Rectifiers
|
ETC[ETC]
|
1N6527 1N6521 1N6525 1N6523 |
2,000 V - 10,000 V Rectifiers 2000 V - 10000 V Rectifiers
|
ETC[ETC]
|
SKY-60MH |
Level 13 (LO Power 13dBm) 2500 to 6000 MHz 2500 MHz - 6000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.5 dB CONVERSION LOSS-MAX
|
Mini-Circuits
|
PE4220 PE4220-EK 4220-52 4220 4220-00 4220-21 4220 |
SPDT UltraCMOS RF Switch DC - 2500 MHz SPDT UltraCMOSRF Switch DC - 2500 MHz SPDT UltraCMOS⑩ RF Switch DC - 2500 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
SP4-2512/883 SP2-2512/883 SP4-2510-2 SP3-2512-2 SP |
OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 CERAMIC, LCC-20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, MBCY8 METAL CAN-8 OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8
|
Ecliptek, Corp.
|
PS412025 PS412425 |
2500 A, 2000 V, SILICON, RECTIFIER DIODE 2500 A, 2400 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
FAR-F6CC-1G6190-L2ZN FAR-F6CC-1G4890-L2ZB FAR-F6CC |
Piezoelectric SAW BPF
(1000 to 2500 MHz)(压电表面声波带通滤波器000Hz500MHz Piezoelectric SAW BPF
(1000 to 2500 MHz)(压电表面声波带通滤波器1000Hz500MHz
|
Fujitsu Limited
|
LT1206CT7 LT1206_07 LT1206 LT1206CN8 LT1206CR LT12 |
250mA/60MHz Current Feedback Amplifi er OP-AMP, 10000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PZFM7 250mA/60MHz Current Feedback Amplifier; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PSSO7
|
Linear Technology, Corp. LINER[Linear Technology]
|
HFA1102Y |
OP-AMP, 10000 uV OFFSET-MAX, UUC8
|
HARRIS SEMICONDUCTOR
|
FDS6690SL86Z |
10000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
18106C |
1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR
|
C&D TECHNOLOGIES INC
|